this document was generated on 06/11/2013 please check www.molex.com for latest part information part number: 16-02-0105 status: active overview: c-grid? products description: sl? crimp terminal, series 70021, male, with tin (sn) plated contact, 24-30 awg, reel documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-70021 (pdf) general product family crimp terminals series 70021 application signal crimp quality equipment yes overview c-grid? products packaging alternative 16-02-0108 (loose) product name sl? upc 800753595651 physical gender male material - metal phosphor bronze material - plating mating tin material - plating termination tin net weight 0.094/g packaging type reel plating min - mating 3.810m plating min - termination 1.905m termination interface: style crimp or compression wire insulation diameter 1.52mm max. wire size awg 24, 26, 28, 30 wire size mm2 n/a material info old part number 70021-0004 reference - drawing numbers product specification ps-70021 sales drawing sd-70021-0*04_0*21, sd-70021-0004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70021 series use with 70066 housing, 70107 housing application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator for male crimp terminal, 24-30 awg wire 0639003400 fineadjust? applicator for crimp terminal, male, 28 awg, 41 strands/44 awg wire 0639014500 insertion tool 0011020022 extraction tool 0011030036
t2 terminator tooling die 0639103400 hand crimp tool, ul approved 0638118800 japan description product # applicator for m211a bench press, 22-30 awg wire 0570173000 hand insertion tool 0570336000 this document was generated on 06/11/2013 please check www.molex.com for latest part information
|